Part Number Hot Search : 
DTA114WA KMR213G MIC5203 L3512 MAX3057 STU60N3L DEIC420 8F320
Product Description
Full Text Search
 

To Download LSS-105-01-L-DV-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0,635mm pitch (0,50mm pitch in design) mated height variety/ exibility self-mating system can reduce inventory costs shrouded with audible click when properly mated lss?120?01?l?dv?a lss?140?02?l?dv?a slim row-to-row design high speed/high density low cost blade & beam contact www.samtec.com mates with: lss f-209-2 for complete speci cations and recommended pcb layouts see www.samtec.com?lss insulator material: black liquid crystal polymer contact material: phospher bronze plating: au over 50? (1,27?) ni current rating: 1.7a @ 30? temperature rise operating temp range: -55? to +125? rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead-free solderable: ye s smt lead coplanarity: (0,10mm).004" max board stacking: for applications requiring more than two connectors per board, contact ipg@samtec.com .025" (o,635mm) high speed strip lss series no. pins per row plating option ?l =10" (0,25m) gold ?f = gold ? ash dv 5, 10, 20, 30, 40, 50 1 lss lead style option ?k = (3,50mm) .138" dia polyimide ? lm pick & place pad ?tr = tape & reel ?a option b (0,635) .025 (0,20) .008 (4,14) .163 (no. of positions x (0,635) .025) + (4,75) .187 (no. of positions x (0,635) .025) + (1,50) .059 (4,60) .181 (0,85) .033 a (0,75) .030 dia lead style a (4,50) .177 (7,49) .295 (5,49) .216 ?01 ?02 ?03 b (1,60) .063 (4,59) .181 (2,59) .102 specify lead style from chart a note: some lengths, styles and options are non-standard, non-returnable. application specific option locking clip on ?2 or ?3 lead style. call samtec. application stack height lss lead style ?01 & ?01 ?01 & ?03 ?03 & ?03 ?01 & ?02 ?02 & ?03 ?02 & ?02 (6,00) .236 (7,00) .276 (8,00) .315 (9,00) .354 (10,00) .394 (12,00) .472 stack height specifications system tm 7mm stack height single-ended signaling 10.5 ghz / 21 gbps differential pair signaling 9.5 ghz / 19 gbps performance data for other stack heights and complete test data available at www.samtec.com?lss or contact sig@samtec.com rated @ -3db insertion loss


▲Up To Search▲   

 
Price & Availability of LSS-105-01-L-DV-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X